PART |
Description |
Maker |
BFC18 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 71A I(D) | SOT-227B 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 71A条(丁)|的SOT - 227B
|
Lattice Semiconductor, Corp.
|
STN1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SOT-223 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMeshII MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A - SOT - 223封装MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IRLR3714PBF IRLU3714PBF IRLR3714TRRPBF IRLR3714TRP |
High Frequency Isolated DC-DC HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mヘ , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m楼? , ID = 36A ) HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20mΩ , ID = 36A ) 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
International Rectifier
|
FCP36N60N |
N-Channel SupreMOSMOSFET 600V, 36A, 90m
|
Fairchild Semiconductor
|
IRFPS37N50APBF |
HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13Ω , ID = 36A ) HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13ヘ , ID = 36A )
|
International Rectifier
|
WP-MKT4-173250-S WP-MKT4 WP-MKT4-173225-D WP-MKT4- |
MOSFET DUAL N-CHAN 20V SOT-323 窄带调频甚高频发射模 MOSFET N-CHAN DUAL 200MW SOT-363 MOSFET N-CHAN 50V 350MW SOT-23 MOSFET DUAL N-CHAN 50V SOT-26 FM Narrow Band VHF Transmitter Module
|
Electronic Theatre Controls, Inc. Wireless Products ETC[ETC] List of Unclassifed Manufacturers
|
STP36NF03L |
N-CHANNEL 30V - 0.015 ohm - 36A TO-220 LOW GATE CHARGE STripFET POWER MOSFET N沟道30V 0.015欧姆- 36A条,- 220低栅极电荷STripFET功率MOSFET N-CHANNEL 30V - 0.015 ohm - 36A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
MDP1901TH |
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
|
MagnaChip Semiconductor...
|
STP36NE06FP |
N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET?/a> POWER MOSFET
|
New Jersey Semi-Conduct...
|
IRFIZ48N IRFIZ48 IRFIZ48NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
|
IRF[International Rectifier]
|
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|